Part Number Hot Search : 
N32025M CDB42L52 L8038 C5001 6SVP470M RS0103 50020 TC100
Product Description
Full Text Search
 

To Download MMSZ5255A-AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  october 01,2010-rev.00 mmsz5229a-au series page . 1 maximum ratings and electrical characteristics notes: a. mounted on 5.0mm 2 (.013mm thick) land areas. b. measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. surface mount silicon zener diodes voltage 4.3 to 51 volts power 500 mwatts mechanical data ? case: sod-123, molded plastic ? terminals: solderable per mil-std-750, method 2026 ? polarity: see diagram below ? apporx. weight: 0.000 4 ounces, 0.01 grams ? mounting position: any parameter symbol value units maximum power dissipation@t a =25 o c (notes a) p d 500 mw operating junction and storagetemperature range t j -50 to +150 o c 1 2 cathode anode 0.154(3.90) 0.141(3.60) 0.110(2.80) 0.098(2.50) 0.028(0.70) 0.019(0.50) 0.008(0.20)max. 0.005(0.12)max. 0.016(0.40)min. 0.053(1.35) 0.037(0.95) 0.071(1.80) 0.055(1.40) unit inch(mm) sod-123 features ? planar die construction ? 500mw power dissipation ? ideally suited for automated assembly processes ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2002/95/ec directives. ? green molding compound as per iec61249 std. . (halogen free)
october 01,2010-rev.00 page . 2 part number nominal zener voltage max. zener impedance max reverse leakage current marking code v z @ i zt z zt @ i zt z zk @ i zk i r @ v r nom. v min. v max. v ma ma av 500 mwatts zener diodes 4.3 4.21 4.39 22 20.0 2000 0.25 5.0 1.0 d4 4. 7 4.61 4.79 19 20.0 1900 0.25 5.0 2.0 d5 5.1 5.00 5.20 17 20.0 1600 0.25 5.0 2.0 e1 5.6 5.49 5.71 11 20.0 1600 0.25 5.0 3.0 e2 6.2 6.08 6.32 7 20.0 1000 0.25 5.0 4.0 e4 6.8 6.66 6.94 5 20.0 750 0.25 3.0 5.0 e5 7.5 7.35 7.65 6 20.0 500 0.25 3.0 6.0 f1 8.2 8.04 8.36 8 20.0 500 0.25 3.0 6.0 f2 8.7 8.53 8.87 8 20 600 0.25 3.0 6.5 f3 9.1 8.92 9.28 10 20.0 600 0.25 3.0 6.5 f4 10 9.80 10.20 17 20.0 600 0.25 3.0 8.0 f5 11 10.78 11.22 22 20.0 600 0.25 3.0 8.4 h1 12 11.76 12.24 30 20.0 600 0.25 2.0 9.1 h2 13 12.74 13.26 13 9.5 600 0.25 1.0 9.9 h3 14 13.72 14.28 15 9.0 600 0.25 0.5 10.5 h4 15 14.70 15.30 16 8.5 600 0.25 0.5 11.0 h5 16 15.68 16.32 17 7.8 600 0.25 0.1 12.0 j1 17 16.66 17.34 19 7.5 600 0.25 0.1 13.0 j2 18 17.64 18.36 21 7.0 600 0.25 0.1 14.0 j3 20 19.60 20.40 25 6.2 600 0.25 0.1 15.0 j5 22 21.56 22.44 29 5.6 600 0.25 0.1 17.0 k1 24 23.52 24.48 33 5.2 600 0.25 0.1 18.0 k2 27 26.46 27.54 41 5.0 600 0.25 0.1 21.0 k4 28 27.44 28.56 44 4.5 600 0.25 0.1 21.0 k5 30 29.40 30.60 49 4.2 600 0.25 0.1 23.0 m1 33 32.34 33.66 58 3.8 700 0.25 0.1 25.0 m2 36 35.28 36.72 70 3.4 700 0.25 0.1 27.0 m3 39 38.22 39.78 80 3.2 800 0.25 0.1 30.0 m4 43 42.14 43.86 93 3.0 900 0.25 0.1 33.0 m5 47 46.06 47.94 105 2.7 1000 0.25 0.1 36.0 n1 51 49.98 52.02 125 2.5 1100 0.25 0.1 39.0 n2 mmsz5229a-au series mmsz5229a -au mmsz5230a -au mmsz5231a -au mmsz5232a -au mmsz5234a -au mmsz5235a -au mmsz5236a -au mmsz5237a -au mmsz5238a -au mmsz5239a -au mmsz5240a -au mmsz5241a -au mmsz5242a -au mmsz5243a -au mmsz5244a -au mmsz5245a -au mmsz5246a -au mmsz5247a -au mmsz5248a -au mmsz5250a -au mmsz5251a -au mmsz5252a -au mmsz5254a -au mmsz5255a -au mmsz5256a -au mmsz5257a -au mmsz5258a -au mmsz5259a -au mmsz5260a -au mmsz5261a -au mmsz5262a -au
october 01,2010-rev.00 page . 3 0.6 0.5 0.4 0.3 0.2 0.1 0 125 100 75 50 25 0 t=25c a o 150 fig.5 steady state power derating t ,temperature ( c) a o power dissipation, watts 100 10 1 10 100 fig.2 temperature coefficients nominal zener voltage ,volts temperature coefficient,(mv/ c) o 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 50 40 30 20 10 0 +150 c o +25 c o -55 c o fig.3 typical leakage current leakage current , a  normal zener voltage, volts 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o fig.4 typical forward voltage forward voltage, volts forward current ,ma -1 0 1 2 3 4 5 6 7 8 12 11 10 98765432 -2 -3 fig.1 temperature coefficients nominal zener voltage ,volts temperature coefficient,(mv/ c) o 100 1000 100 10 1 10 1 biasat 50% of v z nom 0vbias 1vbias t=25c a o fig.6 typical capacitance normal zener voltage, volts capacitance ,pf mmsz5229a-au series
october 01,2010-rev.00 page . 4 fig.7 zener voltage versus zener current fig.8 zener voltage versus zener current zener current, amperes zener current, amperes zener voltage, volts zener voltage, volts 0 10 -5 10 -4 10 -3 10 -2 10 -1 2 4 6810 12 mmsz5230a mmsz5235a mmsz5240a mmsz5245a 10 10 -8 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 15 20 25 30 35 40 45 mmsz5256a mmsz5259a mmsz5250a mmsz5229a$8 series
page . 5 october 01,2010-rev.00 mounting pad layout ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7 plastic reel order information sod-123 0.167 (4.25) 0.091 (2.31) 0.038 (0.97) 0.048 (1.22) unit inch(mm) mmsz5229a$8 series
page . 6 october 01,2010-rev.00 part no_packing code_version mmsz5229a-au _r1_000 a 1 f or example : rb500v-40 _ r2 _ 00001 mmsz5229a-au _r2_000 a 1 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d mms522a-au series
disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not desi gned and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. page . 7 october 01,2010-rev.00 mmsz5229a$8 series


▲Up To Search▲   

 
Price & Availability of MMSZ5255A-AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X